Part Number Hot Search : 
48018BF EPS13 20N50F 260504B SD103 20101 2W04MG 14094BC
Product Description
Full Text Search
 

To Download SA51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0 THRU SA170CA
Features
* Plastic package has Underwriters Laboratory flammability classification 94V-0 * Glass passivated junction * 500W peak pulse power surge capability with a 10/100iS waveform, repetition rate(duty cycle) : 0.01% * Excellent clamping capability * Low incremental surge resistance * Very fast response time * High temperature soldering guaranteed : 265E /10 seconds, 0.375"(9.5mm) lead length, 5lbs. (2.3Kg) tension
POWER 500Watts VOLTAGE 5.0 to 170 Volts
DO-15
0.140(3.6) 0.104(2.6) DIA.
1.0(25.4) MIN.
Mechanical Data
* Case : JEDEC DO-15 molded plastic body over passivated junction * Terminals : Solder plated axial leads, solderable per MIL-STD-750, method 2026 * Polarity : For uni-directional types the color band denotes cathode, which is positive with respect to the anode under normal TVS operation * Mounting Position : Any * Weight : 0.014 ounce, 0.40 gram
0.300(7.6) 0.230(5.8)
0.034(0.9) 0.028(0.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Devices For Bidirectional Applications
* For bi-directional use C or CA suffix. (e.g. SA5.0C, SA170CA) Electrical characteristics apply in both directions.
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified)
Symbols
Peak power dissipation with a 10/1000iS waveform (Note 1. Fig. 1) Peak pulse current with a 10/1000iS waveform (Note 1) Steady state power dissipation at TA=75E lead length 0.375"(9.5mm) (Note2) Peak forward surge current, 10mm single half sine-wave unidirectional only Maximum instantaneous forward voltage at 35A for unidirectional only Operating junction and storage temperature range PPPM IPPM PM(AV) IFSM VF TJ,TSTG
Values
500 (MIN.) See next table 3.0 70 3.5 -55 to +175
Units
Watts Amps Watts Amps Volts E
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25E per Fig.2 (2) Mounted on copper pads area of 1.6 1.6"(40 40mm) per Fig.5 (3) 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulse per minute maximum.
ELECTRICAL CHARACTERISTIC at (TA=25E unless other specified)
Devic e Type B reakdown Voltage V (B R ) at I T (1) (V ) MIN S A5.0 (C ) S A5.0 (C )A (4) S A6.0 (C ) S A6.0 (C )A S A6.5 (C ) S A6.5 (C )A S A7.0 (C ) S A7.0 (C )A S A7.5 (C ) S A7.5 (C )A S A8.0 (C ) S A8.0 (C )A S A8.5 (C ) S A8.5 (C )A S A9.0 (C ) S A9.0 (C )A S A10 (C ) S A10 (C )A S A11 (C ) S A11 (C )A S A12 (C ) S A12 (C )A S A13 (C ) S A13 (C )A S A14 (C ) S A14 (C )A S A15 (C ) S A15 (C )A S A16 (C ) S A16 (C )A S A17 (C ) S A17 (C )A S A18 (C ) S A18 (C )A S A20 (C ) S A20 (C )A S A22 (C ) S A22 (C )A S A24 (C ) S A24 (C )A S A26 (C ) S A26 (C )A S A28 (C ) S A28 (C )A S A30 (C ) S A30 (C )A S A33 (C ) S A33 (C )A S A36 (C ) S A36 (C )A S A40 (C ) S A40 (C )A 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 MA X 7.30 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 Tes t C urrent IT (mA ) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 S tand-off Voltage V WM (V ) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 Maximum R evers e L eakage at V WM ID (3) ( A) 600 600 600 600 400 400 150 150 50 50 25 25 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum P eak P uls e C urrent IP P M(2) (A ) 52.1 54.3 43.9 48.5 40.7 44.7 37.6 41.7 35.0 38.8 33.3 36.8 31.4 34.7 29.6 32.5 26.6 29.4 24.9 27.5 22.7 25.1 21.0 23.3 19.4 21.6 18.6 20.5 17.4 19.2 16.4 18.1 15.5 17.1 14.0 15.4 22.7 14.1 11.6 12.9 10.7 11.9 10.0 11.0 9.3 10 8.5 9.4 7.8 8.6 7.0 7.8 Maximum C lamping Voltage at IP P M V C (V ) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 Maximum Temperature C oeffic ient of V (B R ) o (mV / C ) 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 16.0 16.0 19.0 17.0 20.0 19.0 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0 39.0 36.0 42.0 39.0 46.0 41.0 51.0 46.0
ELECTRICAL CHARACTERISTIC at (TA=25E unless other specified)
Devic e Type B reakdown Voltage V (B R ) at IT (1) (V ) MIN S A43 (C ) S A43 (C )A S A45 (C ) S A45 (C )A S A48 (C ) S A48 (C )A S A51 (C ) S A51 (C )A S A54 (C ) S A54 (C )A S A58 (C ) S A58 (C )A S A60 (C ) S A60 (C )A S A64 (C ) S A64 (C )A S A70 (C ) S A70 (C )A S A75 (C ) S A75 (C )A S A78 (C ) S A78 (C )A S A85 (C ) S A85 (C )A S A90 (C ) S A90 (C )A S A100 (C ) S A100 (C )A S A110 (C ) S A110 (C )A S A120 (C ) S A120 (C )A S A130 (C ) S A130 (C )A S A150 (C ) S A150 (C )A S A160 (C ) S A160 (C )A S A170 (C ) S A170 (C )A Notes : (1) (2) (3) (4) (5) 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 MA X 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 Tes t C urrent IT (mA ) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 S tand-off Voltage V WM (V ) 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 120 130 130 150 150 160 160 170 170 Maximum R evers e L eakage at V WM ID (3) ( A) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum P eak P uls e C urrent IP P M(2) (A ) 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.6 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 Maximum C lamping Voltage at IP P M V C (V ) 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 230 209 268 243 257 259 304 275 Maximum Temperature C oeffic ient of V (B R ) o (mV / C ) 55.0 50.0 58.0 52.0 63.0 56.0 66.0 61.0 71.0 65.0 78.0 70.0 80.0 71.0 86.0 76.0 94.0 85.0 101 91.0 105 95.0 114 103 121 110 135 123 148 133 162 146 175 158 203 184 217 196 230 208
P uls e tes t: tp = 50ms S urge current waveform per F ig. 3 and derate per F ig. 2 For bidirectional types with V WM of 10 Volts and les s, the ID limit is doubled For the bidirectional S A5.0C A, the maximum V B R is 7.25V All terms and s ymbols are cons is tent with ANS I/IE E E C 62.35
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
P eak P uls e P ower (P P P ) or C urrent (I P P ) Derating in P ercentage, %
F ig. 1 P eak P uls e P ower R ating C urve
P eak P uls e P ower (kW)
30 10
Non-repetitive P uls e Waveform s hown in F ig. 3 o T A = 25 C
Fig. 2 P uls e Derating C urve
100
75
P P K ".5" td
Impuls e E xponential Decay Half S ine
td = 7 tp
50
1.0
PPK
td
PPPM ,
25
PPK
S quare
0.1
td C urrent Waveforms
0.1i 1.0i s s
10i s 100i 1.0ms s td , P uls e Width
10ms
0 0 25 50
TA ,
75
100 125 150 175 200
o
Ambient Temperature ( C )
Fig. 3 P uls e Waveform
150
P eak P uls e C urrent, % I R S M
100
P eak Value IP P M
Half Value IP P M 50
IP P 2
IP P M ,
td 0 0 1.0 2.0 3.0 4.0
IF S M ,
10/1000i s W aveform as defined by R .E .A.
P eak F orward S urge C urrent (A)
tr = 10i s
T J = 25 C P uls e Width (td) is defined as the point where the peak current decays to 50% of IP P M
o
200
F ig. 4 - Maximum Non-R epetitive F orwar d S urge C urrent Uni-Direc tional Onl y
8.3ms S ingle Half S ine-Wave (J E DE C Method)
100
10 1
t, Time (ms )
10 Number of C ycles at 60 Hz
100
F ig. 5 S teady S tate P o wer Derating C ur ve
4.0 P M(AV ) , S teady S tate P ower Dissipation (W) 10,000 C apacitance (pF )
Fig. 6 C apacitance
Unidirectional B idirectional VR = 0 T J = 25 C f = 1MH Z V s ig = 50mV p-p
o
3.0
L = 0.375" (9.5mm) Lead Lengths
1,000
2.0
100
V R = R ated S tand-off voltage
1.0
1.6 x 1.6 x .040" (40 x 40 x 1mm) C opper Heat S inks
CJ , 10 5
0
0
25
50 TL ,
75 100 125 150 175 200 Lead Temperature ( oC )
V WM ,
100 500 R evers e S tand-off Voltage (V )
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
F ig. 7 Incremental C lamping Voltage C urve Unidirectional
100
Waveform: 8 x 20 Impuls e V C = V C - V (B R ) S A170 S A110
F ig. 8 Incremental C lamping Voltage C urve Unidirectional
100
S A170 Waveform: 10 x 1000 Impuls e V C = V C - V (B R )
V C , Incremental C lamping Voltage
V C , Incremental C lamping Voltage
S A70 S A54 S A40 S A30 S A24 S A18 S A15 S A12 S A5.0 S A9.0
S A110
10
10
S A70 S A40 S A24 S A15
1.0
1.0
S A9.0 S A5.0
0.1 0.5
1
10 I P P, Peak P ulse C urrent (A)
50
0.1 0.5
1
10 I P P, Peak P ulse C urrent (A)
50
F ig. 9 Incremental C lamping Voltage C urve B idirectional
100
Waveform: 8 x 20 Impuls e V C = V C - V (B R ) S A170 S A110 S A70
F ig. 10 Incremental C lamping Voltage C urve B idirectional
100
Waveform: 10 x 1000 Impuls e V C = V C - V (B R ) S A110
V C , Incremental C lamping Voltage
V C , Incremental C lamping Voltage
S A170
10
S A60 S A40 S A30 S A24 S A15
10
S A70 S A40 S A24 S A15 S A9.0
1.0
S A9.0 S A6.5
1.0
S A6.5
0.1 0.5
1
10
50
0.1 0.5
1
10
50
I P P, Peak P ulse C urrent (A)
I P P, Peak P ulse C urrent (A)
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
o
100 I F Forward C urrent (A)
V , Temperature C oefficient (mV / C )
F ig. 11 T ypical Ins tantaneous F orward V oltage
T J = 25 oC P ulse Width = 300is 1% Duty C ycle
F ig. 12 B reakdown Voltage Temperature C oefficient C ur ve
200 100
Unidirectional B idirectional
20 10
2 1
10
0.2 0.1 0 0.5
Unidirectional (only)
1.0 5.0 10 100 V WM, R ated S tand-Off Voltage (V ) 500
1 1.5 2 V F , Forward Voltage (V )
2.5


▲Up To Search▲   

 
Price & Availability of SA51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X